Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 925 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 925 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 921Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 922Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 923Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 924Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 925Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 926Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 927Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 928Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 929Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 925 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 893 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
2
TEND
1
R
Transmit End
This bit is set to 1 when no error signal is sent from the
receiving side and the next transmit data is ready to be
transferred to TDR.
[Setting conditions]
• When both the TE and ERS bits in SCR are 0
• When ERS = 0 and TDRE = 1 after a specified time
passed after completion of 1-byte data transfer. The
set timing depends on the register setting as follows:
When GM = 0 and BLK = 0, 2.5 etu after transmission
start
When GM = 0 and BLK = 1, 1.5 etu after transmission
start
When GM = 1 and BLK = 0, 1.0 etu after transmission
start
When GM = 1 and BLK = 1, 1.0 etu after transmission
start
[Clearing conditions]
• When 0 is written to TEND after reading TEND = 1
• When a TXI interrupt request is issued allowing
DMAC or DTC to write the next data to TDR
1
MPB
0
R
Multiprocessor Bit
Not used in smart card interface mode.
0
MPBT
0
R/W
Multiprocessor Bit Transfer
Write 0 to this bit in smart card interface mode.
Note:
*
Only 0 can be written, to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com