Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 928 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 928 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 924Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 925Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 926Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 927Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 928Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 929Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 930Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 931Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 932Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 928 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 896 of 1468
REJ09B0412-0200
Table 19.4 shows sample N settings in BRR in normal asynchronous mode. Table 19.5 shows the
maximum bit rate settable for each operating frequency. Tables 19.7 and 19.9 show sample N
settings in BRR in clocked synchronous mode and smart card interface mode, respectively. In
smart card interface mode, the number of base clock cycles S in a 1-bit data transfer time can be
selected. For details, see section 19.7.4, Receive Data Sampling Timing and Reception Margin.
Tables 19.6 and 19.8 show the maximum bit rates with external clock input.
When the ABCS bit in the serial extended mode register_2, 5, and 6 (SEMR_2, 5, and 6) of
SCI_2, 5, and 6 are set to 1 in asynchronous mode, the bit rate is two times that of shown in table
19.4.
Table 19.4
Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (1)
Operating Frequency P
φ (MHz)
8
9.8304
10
12
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
2
141
0.03
2
174
–0.26
2
177
–0.25
2
212
0.03
150
2
103
0.16
2
127
0.00
2
129
0.16
2
155
0.16
300
1
207
0.16
1
255
0.00
2
64
0.16
2
77
0.16
600
1
103
0.16
1
127
0.00
1
129
0.16
1
155
0.16
1200
0
207
0.16
0
255
0.00
1
64
0.16
1
77
0.16
2400
0
103
0.16
0
127
0.00
0
129
0.16
0
155
0.16
4800
0
51
0.16
0
63
0.00
0
64
0.16
0
77
0.16
9600
0
25
0.16
0
31
0.00
0
32
–1.36
0
38
0.16
19200
0
12
0.16
0
15
0.00
0
15
1.73
0
19
–2.34
31250
0
7
0.00
0
9
–1.70
0
9
0.00
0
11
0.00
38400
0
7
0.00
0
7
1.73
0
9
–2.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com