Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 930 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 930 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 926Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 927Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 928Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 929Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 930Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 931Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 932Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 933Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 934Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 930 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 898 of 1468
REJ09B0412-0200
Operating Frequency P
φ (MHz)
25
30
33
35
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
110
3
110
–0.02
3
132
0.13
3
145
0.33
3
154
0.23
150
3
80
0.47
3
97
–0.35
3
106
0.39
3
113
–0.06
300
2
162
–0.15
2
194
0.16
2
214
–0.07
2
227
–0.06
600
2
80
0.47
2
97
–0.35
2
106
0.39
2
113
–0.06
1200
1
162
–0.15
1
194
0.16
1
214
–0.07
1
227
–0.06
2400
1
80
0.47
1
97
–0.35
1
106
0.39
1
113
–0.06
4800
0
162
–0.15
0
194
0.16
0
214
–0.07
0
227
–0.06
9600
0
80
0.47
0
97
–0.35
0
106
0.39
0
113
–0.06
19200
0
40
–0.76
0
48
–0.35
0
53
–0.54
0
56
–0.06
31250
0
24
0.00
0
29
0
0
32
0
0
34
0.00
38400
0
19
1.73
0
23
1.73
0
26
–0.54
0
27
1.73
Note:
In SCI_2, 5, and 6, this is an example when the ABCS bit in SEMR_2, 5, and 6 is 0.
When the ABCS bit is set to 1, the bit rate is two times.
Table 19.5
Maximum Bit Rate for Each Operating Frequency (Asynchronous Mode)
P
φ (MHz)
Maximum
Bit Rate
(bit/s)
n
N
P
φ (MHz)
Maximum
Bit Rate
(bit/s)
n
N
8
250000
0
0
17.2032
537600
0
0
9.8304
307200
0
0
18
562500
0
0
10
312500
0
0
19.6608
614400
0
0
12
375000
0
0
20
625000
0
0
12.288
384000
0
0
25
781250
0
0
14
437500
0
0
30
937500
0
0
14.7456
460800
0
0
33
1031250
0
0
16
500000
0
0
35
1093750
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com