Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 976 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 976 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 972Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 973Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 974Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 975Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 976Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 977Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 978Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 979Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 980Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 976 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 944 of 1468
REJ09B0412-0200
19.7.7
Serial Data Reception (Except in Block Transfer Mode)
Data reception in smart card interface mode is similar to that in normal serial communication
interface mode. Figure 19.32 shows the data re-transfer operation during reception.
1. If a parity error is detected in receive data, the PER bit in SSR is set to 1. Here, an ERI
interrupt request is generated if the RIE bit in SCR is set to 1. Clear the PER bit to 0 before the
next parity bit is sampled.
2. For the frame in which a parity error is detected, the RDRF bit in SSR is not set to 1.
3. If no parity error is detected, the PER bit in SSR is not set to 1.
4. In this case, data is determined to have been received successfully, and the RDRF bit in SSR is
set to 1. Here, an RXI interrupt request is generated if the RIE bit in SCR is set to 1.
Figure 19.33 shows a sample flowchart for reception. All the processing steps are automatically
performed using an RXI interrupt request to activate the DTC or DMAC. In reception, setting the
RIE bit to 1 allows an RXI interrupt request to be generated when the RDRF flag is set to 1. This
activates the DTC or DMAC by an RXI request thus allowing transfer of receive data if the RXI
interrupt request is specified as a source of DTC or DMAC activation beforehand. The RDRF flag
is automatically cleared to 0 at data transfer by the DTC or DMAC. If an error occurs during
reception, i.e., either the ORER or PER flag is set to 1, a transmit/receive error interrupt (ERI)
request is generated and the error flag must be cleared. If an error occurs, the DTC or DMAC is
not activated and receive data is skipped, therefore, the number of bytes of receive data specified
in the DTC or DMAC is transferred. Even if a parity error occurs and the PER bit is set to 1 in
reception, receive data is transferred to RDR, thus allowing the data to be read.
Note:
For operations in block transfer mode, see section 19.4, Operation in Asynchronous Mode.
D0 D1 D2 D3 D4 D5 D6 D7 Dp DE
Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp
(DE)
Ds D0 D1 D2 D3 D4
Ds
(n + 1) th
transfer frame
Retransfer frame
nth transfer frame
RDRF
[1]
PER
[2]
[3]
[4]
Figure 19.32 Data Re-Transfer Operation in SCI Reception Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com