Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 979 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 979 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 975Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 976Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 977Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 978Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 979Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 980Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 981Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 982Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 983Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 979 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 947 of 1468
REJ09B0412-0200
19.8
IrDA Operation
If the IrDA function is enabled using the IrE bit in IrCR, the TxD5 and RxD5 pins in SCI_5 are
allowed to encode and decode the waveform based on the IrDA Specifications version 1.0
(function as the IrTxD and IrRxD pins)*. Connecting these pins to the infrared data transceiver
achieves infrared data communication based on the system defined by the IrDA Specifications
version 1.0.
In the system defined by the IrDA Specifications version 1.0, communication is started at a
transfer rate of 9600 bps, which can be modified later as required. Since the IrDA interface
provided by this LSI does not incorporate the capability of automatic modification of the transfer
rate, the transfer rate must be modified through programming.
Figure 19.36 is the IrDA block diagram.
Pulse encoder
Pulse decoder
IrCR
IrDA
SCI5
TxD
TxD5/IrTxD
RxD
RxD5/IrRxD
Figure 19.36 IrDA Block Diagram
Note: * The IrDA function should be used when the ABCS bit in SEMR_5 is set to 0 and the
ACS3 to ACS0 bits in SEMR_5 are set to B'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com