Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 985 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 985 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 981Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 982Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 983Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 984Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 985Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 986Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 987Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 988Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 989Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 985 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 953 of 1468
REJ09B0412-0200
19.10
Usage Notes
19.10.1
Module Stop Function Setting
Operation of the SCI can be disabled or enabled using the module stop control register. The initial
setting is for operation of the SCI to be halted. Register access is enabled by clearing the module
stop state. For details, see section 28, Power-Down Modes.
19.10.2
Break Detection and Processing
When framing error detection is performed, a break can be detected by reading the RxD pin value
directly. In a break, the input from the RxD pin becomes all 0s, and so the FER flag is set, and the
PER flag may also be set. Note that, since the SCI continues the receive operation even after
receiving a break, even if the FER flag is cleared to 0, it will be set to 1 again.
19.10.3
Mark State and Break Detection
When the TE bit is 0, the TxD pin is used as an I/O port whose direction (input or output) and
level are determined by DR and DDR. This can be used to set the TxD pin to mark state (high
level) or send a break during serial data transmission. To maintain the communication line in mark
state (the state of 1) until TE is set to 1, set both DDR and DR to 1. Since the TE bit is cleared to 0
at this point, the TxD pin becomes an I/O port, and 1 is output from the TxD pin. To send a break
during serial transmission, first set DDR to 1 and DR to 0, and then clear the TE bit to 0. When the
TE bit is cleared to 0, the transmitter is initialized regardless of the current transmission state, the
TxD pin becomes an I/O port, and 0 is output from the TxD pin.
19.10.4
Receive Error Flags and Transmit Operations (Clocked Synchronous Mode Only)
Transmission cannot be started when a receive error flag (ORER, FER, or RER) is set to 1, even if
the TDRE flag is cleared to 0. Be sure to clear the receive error flags to 0 before starting
transmission. Note also that the receive error flags cannot be cleared to 0 even if the RE bit is
cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com