Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 987 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 987 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 983Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 984Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 985Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 986Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 987Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 988Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 989Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 990Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 991Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 987 / 1504 page
background image
Section 19 Serial Communication Interface (SCI, IrDA, CRC)
Rev. 2.00 Sep. 24, 2008 Page 955 of 1468
REJ09B0412-0200
19.10.7
SCI Operations during Power-Down State
Transmission: Before specifying the module stop state or making a transition to software standby
mode, stop the transmit operations (TE = TIE = TEIE = 0). TSR, TDR, and SSR are reset. The
states of the output pins in the module stop state or in software standby mode depend on the port
settings, and the pins output a high-level signal after cancellation. If the transition is made during
data transmission, the data being transmitted will be undefined.
To transmit data in the same transmission mode after cancellation of the power-down state, set the
TE bit to 1, read SSR, write to TDR, clear TDRE in this order, and then start transmission. To
transmit data in a different transmission mode, initialize the SCI first.
Figure 19.39 shows a sample flowchart for transition to software standby mode during
transmission. Figures 19.40 and 19.41 show the port pin states during transition to software
standby mode.
Before specifying the module stop state or making a transition to software standby mode from the
transmission mode using DTC transfer, stop all transmit operations (TE = TIE = TEIE = 0).
Setting the TE and TIE bits to 1 after cancellation sets the TXI flag to start transmission using the
DTC.
Reception: Before specifying the module stop state or making a transition to software standby
mode, stop the receive operations (RE = 0). RSR, RDR, and SSR are reset. If transition is made
during data reception, the data being received will be invalid.
To receive data in the same reception mode after cancellation of the power-down state, set the RE
bit to 1, and then start reception. To receive data in a different reception mode, initialize the SCI
first.
For using the IrDA function, set the IrE bit in addition to setting the RE bit.
Figure 19.42 shows a sample flowchart for mode transition during reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com