Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1033 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1033 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1029Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1030Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1031Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1032Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1033Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1034Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1035Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1036Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1037Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1033 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 1001 of 1468
REJ09B0412-0200
Register
Bit
Transfer
Mode
Interrupt
Source
Description
Interrupt
Request
Signal
DTC
Activation
DMAC
Activation
0
SETI
Set_Interface
command detection
USBINTN2 or
USBINTN3
×
×
1
Status
SETC
Set_Configuration
command detection
USBINTN2 or
USBINTN3
×
×
2
—
Reserved
—
—
—
IFR2
3
CFDN
Endpoint information
load end
USBINTN2 or
USBINTN3
×
×
4
Status
SURSF
Suspend/resume
detection
USBINTN2,
USBINTN3, or
RESUME
×
×
5
SURSS
Suspend/resume
status
—
×
×
6
7
—
Reserved
—
—
—
—
Note:
*
EP0 interrupts must be assigned to the same interrupt request signal.
• USBINTN0 signal
DMAC start interrupt signal only EP1. See section 20.8, DMA Transfer.
• USBINTN1 signal
DMAC start interrupt signal only EP2. See section 20.8, DMA Transfer.
• USBINTN2 signal
The USBINTN2 signal requests interrupt sources for which the corresponding bits in interrupt
select registers 0 to 2 (ISR0 to ISR2) are cleared to 0. The USBINTN2 is driven low if a
corresponding bit in the interrupt flag register is set to 1.
• USBINTN3 signal
The USBINTN3 signal requests interrupt sources for which the corresponding bits in interrupt
select registers 0 to 2 (ISR0 to ISR2) are cleared to 0. The USBINTN3 is driven low if a
corresponding bit in the interrupt flag register is set to 1.
• RESUME signal
The RESUME signal is a resume interrupt signal for canceling software standby mode and
deep software standby mode. The RESUME signal is driven low at the transition to the resume
state for canceling software standby mode and deep software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com