Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1036 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1036 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1032Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1033Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1034Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1035Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1036Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1037Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1038Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1039Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1040Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1036 / 1504 page
background image
Section 20 USB Function Module (USB)
Rev. 2.00 Sep. 24, 2008 Page 1004 of 1468
REJ09B0412-0200
USB cable connected
Bus idle of 3 ms or
more occurs
Suspend/resume
interrupt occurs
(IFR2/SURSF = 1)
RESUME
Remote
wakeup enabled?
(CTLR/RWUPS = 1?)
Clear SURSF in IFR2 to 0
Check if SURSS in IFR2
is set to 1
Clear SURSE in IER2 to 0
Wait for suspend/
resume interrupt
Yes
Yes
No
No
Enter deep software
standby mode
Check remote-wakeup
function enabled
System needs to
enter power-down
mode?
Check remote-wakeup
function disabled
Yes
No
Need to enter
software standby
mode?
USB function
Application
Set SSRSME in IER2 to 0
Set SSRSME in IER2 to 1
USB module stop
Need to enter deep
software standby
mode?
Clear RAMCUT in
DPSTBYCR to 0
Set WTSTS5 to WTSTS0
in DPSBWCR
Clear DUSBIF in
DPSIFR to 0
Set DUSBIE in DPSIER to 1
Set STS5 to STS0 in SBYCR
Clear SURSE in IER2 to 0
Enter software
standby mode
No
Yes
Set SURSE in IER2 to 1
Clear SSRSME in IER2 to 0
Notes:
1.
For details, see section 28, Power-Down Modes.
2.
When the USB enters deep software standby mode, the sources to cancel software standby mode may be conflicted.
In this figure, the operation to cancel software standby mode is not performed. For details, see section 28.12, Usage Notes.
1
1
2
Figure 20.4 Suspend Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com