Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1073 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1073 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1069Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1070Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1071Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1072Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1073Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1074Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1075Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1076Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1077Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1073 / 1504 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 2.00 Sep. 24, 2008 Page 1041 of 1468
REJ09B0412-0200
21.3.3
I
2C Bus Mode Register (ICMR)
ICMR selects MSB first or LSB first, controls the master mode wait and selects the number of
transfer bits.
Bit
Bit Name
Initial Value
R/W
7
0
R/W
6
WAIT
0
R/W
5
1
4
1
3
BCWP
1
R/W
2
BC2
0
R/W
1
BC1
0
R/W
0
BC0
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R/W
Reserved
The write value should always be 0.
6
WAIT
0
R/W
Wait Insertion
This bit selects whether to insert a wait after data
transfer except for the acknowledge bit. When this bit is
set to 1, after the falling of the clock for the last data bit,
the low period is extended for two transfer clocks.
When this bit is cleared to 0, data and the acknowledge
bit are transferred consecutively with no waits inserted.
The setting of this bit is invalid in slave mode.
5
4
1
1
Reserved
These bits are always read as 1.
3
BCWP
1
R/W
BC Write Protect
This bit controls the modification of the BC2 to BC0
bits. When modifying, this bit should be cleared to 0
and the MOV instruction should be used.
0: When writing, the values of BC2 to BC0 are set
1: When reading, 1 is always read
When writing, the settings of BC2 to BC0 are invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com