Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1076 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1076 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1072Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1073Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1074Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1075Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1076Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1077Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1078Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1079Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1080Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1076 / 1504 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 2.00 Sep. 24, 2008 Page 1044 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
STIE
0
R/W
Stop Condition Detection Interrupt Enable
0: Stop condition detection interrupt (STPI) request is
disabled
1: Stop condition detection interrupt (STPI) request is
enabled
2
ACKE
0
R/W
Acknowledge Bit Decision Select
0: The value of the acknowledge bit is ignored and
continuous transfer is performed
1: If the acknowledge bit is 1, continuous transfer is
suspended
1
ACKBR
0
R
Receive Acknowledge
In transmit mode, this bit stores the acknowledge data
that are returned by the receive device. This bit cannot
be modified.
0: Receive acknowledge = 0
1: Receive acknowledge = 1
0
ACKBT
0
R/W
Transmit Acknowledge
In receive mode, this bit specifies the bit to be sent at
the acknowledge timing.
0: 0 is sent at the acknowledge timing
1: 1 is sent at the acknowledge timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com