Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1080 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1080 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1076Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1077Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1078Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1079Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1080Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1081Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1082Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1083Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1084Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1080 / 1504 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 2.00 Sep. 24, 2008 Page 1048 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
ADZ
0
R/W
General Call Address Recognition Flag
This bit is valid in slave receive mode.
[Setting condition]
• When the general call address is detected in slave
receive mode
[Clearing condition]
• When 0 is written to this bit after reading ADZ = 1
21.3.6
Slave Address Register (SAR)
SAR is sets the slave address. In slave mode, if the upper 7 bits of SAR match the upper 7 bits of
the first frame received after a start condition, the LSI operates as the slave device.
Bit
Bit Name
Initial Value
R/W
7
SVA6
0
R/W
6
SVA5
0
R/W
5
SVA4
0
R/W
4
SVA3
0
R/W
3
SVA2
0
R/W
2
SVA1
0
R/W
1
SVA0
0
R/W
0
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7 to 1
SVA6 to
SVA0
0
R/W
Slave Address 6 to 0
These bits set a unique address differing from the
addresses of other slave devices connected to the I
2C
bus.
0
0
R/W
Reserved
Although this bit is readable/writable, only 0 should be
written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com