Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1124 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1124 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1120Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1121Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1122Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1123Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1124Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1125Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1126Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1127Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1124 / 1504 page
background image
Section 22 A/D Converter
Rev. 2.00 Sep. 24, 2008 Page 1092 of 1468
REJ09B0412-0200
22.7
Usage Notes
22.7.1
Module Stop Function Setting
Operation of the A/D converter can be disabled or enabled using the module stop control register.
The initial setting is for operation of the A/D converter to be halted. Register access is enabled by
clearing the module stop state. Set the CKS1 and CKS2 bits to 1 and clear the ADST, TRGS1,
TRGS0, and EXTRGS bits all to 0 to disable A/D conversion when entering module stop state
after operation of the A/D converter. After that, set the module stop control register after executing
a dummy read by one word. For details, see section 28, Power-Down Modes.
22.7.2
A/D Input Hold Function in Software Standby Mode
When this LSI enters software standby mode with A/D conversion enabled, the analog inputs are
retained, and the analog power supply current is equal to as during A/D conversion. If the analog
power supply current needs to be reduced in software standby mode, set the CKS1 and CKS2 bits
to 1 and clear the ADST, TRGS1, TRGS0, and EXTRGS bits all to 0 to disable A/D conversion.
After that, enter software standby mode after executing a dummy read by one word.
22.7.3
Notes on A/D Activation by an External Trigger
If any of actions (1 to 3 below) is performed while activation by an external trigger* is in use,
stopping A/D conversion may be impossible.
Note: * External trigger refers to input on the ADTRG pin or the conversion trigger from a
peripheral module (TMR or TPU).
1. When the setting for activation by an external trigger is in use, writing to change the value of
the ADST bit in ADCSR from 0 to 1.
2. Changing the setting from activation by an external trigger to prohibition of external triggers.
3. Changing the scan mode (SCANE and ADSTLCR bits; from continuous scan mode to single
mode or single-cycle scan mode) while the setting is for activation by an external trigger.
If any of the above points apply, make the corresponding settings listed below.
1.
If point 1 is applicable
Do not perform writing to change the value of the ADST bit in ADCSR from 0 to 1 when the
setting for activation by an external trigger is in use.
2.
If points 2 or 3 is applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com