Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1125 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1125 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1121Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1122Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1123Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1124Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1125Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1126Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1127Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1128Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1125 / 1504 page
background image
Section 22 A/D Converter
Rev. 2.00 Sep. 24, 2008 Page 1093 of 1468
REJ09B0412-0200
Only execute switching from activation by an external trigger to prohibition of external
triggers or changing of the scan mode (ADSTLCR and SCANE bits) when the setting for
activation by an external trigger is in use after external trigger input has been disabled.
External trigger input can be disabled by writing specific values to bits TRGS1, TRGS0, and
EXTRGS.
For details on the procedure in cases where point 1 or 3 is applicable, see figure 22.11
ADCR.TRGS1 = 0
ADCR.TRGS0 = 0
ADCR.EXTRGS = 1
(External trigger
disabled)*2
ADCSR.ADST = 0
Change the setting by an
external trigger*2
Change the setting by an
external trigger*2
Yes
No
ADCR.TRGS1 = 0
ADCR.TRGS0 = 1
ADCR.EXTRGS = 1
(External trigger
disabled)*1, *2
ADCSR.ADST = 0
Yes
No
Unit 0
Unit 1
External trigger
halted?
External trigger
halted?
Change the scan mode
Change the scan mode
Notes: 1.
The TTGE bit in TIER of the TPU unit must be held 0.
For details, see section 14.3.4, Timer Interrupt Enable Register (TIER).
2.
Rewrite TRGS1, TRGS0, and EXTRGS bits in ADCR simultaneously (in byte unit)
Figure 22.11 Procedure for Changing the Mode When the Setting for Activation by an
External Trigger is in Use
22.7.4
Permissible Signal Source Impedance
This LSI's analog input is designed so that the conversion accuracy is guaranteed for an input
signal for which the signal source impedance is 5 k
Ω or less. This specification is provided to
enable the A/D converter's sample-and-hold circuit input capacitance to be charged within the
sampling time; if the sensor output impedance exceeds 5 k
Ω, charging may be insufficient and it
may not be possible to guarantee the A/D conversion accuracy. However, if a large capacitance is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com