Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1159 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1159 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1155Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1156Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1157Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1158Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1159Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1160Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1161Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1162Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1159 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1127 of 1468
REJ09B0412-0200
(2)
Download Pass and Fail Result Parameter (DPFR: Single Byte of Start Address in On-
Chip RAM Specified by FTDAR)
DPFR indicates the return value of the download result. The DPFR value is used to determine the
download result.
7
6
5
4
3
0
SF
2
SS
1
FK
Bit
Bit Name
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
Unused
These bits return 0.
2
SS
R/W
Source Select Error Detect
Only one type can be specified for the on-chip program
which can be downloaded. When the program to be
downloaded is not selected, more than two types of
programs are selected, or a program which is not
mapped is selected, an error occurs.
0: Download program selection is normal
1: Download program selection is abnormal
1
FK
R/W
Flash Key Register Error Detect
Checks the FKEY value (H'A5) and returns the result.
0: FKEY setting is normal (H'A5)
1: FKEY setting is abnormal (value other than H'A5)
0
SF
R/W
Success/Fail
Returns the download result. Reads back the program
downloaded to the on-chip RAM and determines
whether it has been transferred to the on-chip RAM.
0: Download of the program has ended normally (no
error)
1: Download of the program has ended abnormally
(error occurs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com