Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1161 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1161 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1157Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1158Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1159Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1160Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1161Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1162Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1163Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1164Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1161 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1129 of 1468
REJ09B0412-0200
(b)
Programming
FPFR indicates the return value of the programming result.
7
6
MD
5
EE
4
FK
3
0
SF
2
WD
1
WA
Bit
Bit Name
Bit
Bit Name
Initial
Value
R/W
Description
7
Unused
Returns 0.
6
MD
R/W
Programming Mode Related Setting Error Detect
Detects the error protection state and returns the result.
When the error protection state is entered, this bit is set
to 1. Whether the error protection state is entered or not
can be confirmed with the FLER bit in FCCS. For
conditions to enter the error protection state see section
25.9.3, Error Protection.
0: Normal operation (FLER = 0)
1: Error protection state, and programming cannot be
performed (FLER = 1)
5
EE
R/W
Programming Execution Error Detect
Writes 1 to this bit when the specified data could not be
written because the user MAT was not erased. If this bit
is set to 1, there is a high possibility that the user MAT
has been written to partially. In this case, after removing
the error factor, erase the user MAT. If FMATS is set to
H'AA and the user boot MAT is selected, an error occurs
when programming is performed. In this case, both the
user MAT and user boot MAT have not been written to.
Programming the user boot MAT should be performed in
boot mode or programmer mode.
0: Programming has ended normally
1: Programming has ended abnormally (programming
result is not guaranteed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com