Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1165 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1165 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1161Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1162Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1163Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1164Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1165Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1166Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1167Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1168Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1165 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1133 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
Unused
These bits should be cleared to 0.
15 to 0
F15 to F0
R/W
Frequency Set
These bits set the operating frequency of the CPU.
When the PLL multiplication function is used, set the
multiplied frequency. The setting value must be
calculated as follows:
1. The operating frequency shown in MHz units must
be rounded in a number of three decimal places and
be shown in a number of two decimal places.
2. The value multiplied by 100 is converted to the
binary digit and is written to FPEFEQ (general
register ER0).
For example, when the operating frequency of the CPU
is 35.000 MHz, the value is as follows:
1. The number of three decimal places of 35.000 is
rounded.
2. The formula of 35.00
× 100 = 3500 is converted to
the binary digit and B'0000 1101 1010 1100
(H'0DAC) is set to ER0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com