Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1169 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1169 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1165Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1166Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1167Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1168Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1169Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1170Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1171Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1172Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1169 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1137 of 1468
REJ09B0412-0200
25.7.3
RAM Emulation Register (RAMER)
RAMER specifies the user MAT area overlaid with part of the on-chip RAM (H'FFA000 to
H'FFAFFF) when performing emulation of programming the user MAT. RAMER should be set in
user mode or user program mode. To ensure dependable emulation, the memory MAT to be
emulated must not be accessed immediately after changing the RAMER contents. When accessed
at such a timing, correct operation is not guaranteed.
7
0
R
6
0
R
5
0
R
4
0
R
3
RAMS
0
R/W
0
RAM0
0
R/W
2
RAM2
0
R/W
1
RAM1
0
R/W
Bit
Bit Name
Initial Value
R/W
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
0
R
Reserved
These are read-only bits and cannot be modified.
3
RAMS
0
R/W
RAM Select
Selects the function which emulates the flash memory
using the on-chip RAM.
0: Disables RAM emulation function
1: Enables RAM emulation function (all blocks of the
user MAT are protected against programming and
erasing)
2
1
0
RAM2
RAM1
RAM0
0
0
0
R/W
R/W
R/W
Flash Memory Area Select
These bits select the user MAT area overlaid with the
on-chip RAM when RAMS = 1. The following areas
correspond to the 4-Kbyte erase blocks.
000: H'000000 to H'000FFF (EB0)
001: H'001000 to H'001FFF (EB1)
010: H'002000 to H'002FFF (EB2)
011: H'003000 to H'003FFF (EB3)
100: H'004000 to H'004FFF (EB4)
101: H'005000 to H'005FFF (EB5)
110: H'006000 to H'006FFF (EB6)
111: H'007000 to H'007FFF (EB7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com