Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1170 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1170 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1166Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1167Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1168Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1169Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1170Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1171Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1172Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1173Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1170 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1138 of 1468
REJ09B0412-0200
25.8
On-Board Programming Mode
When the EMLE pin is set to low level, the mode pins (MD0, MD1, MD2, and MD3) are set to
on-board programming mode and the reset start is executed, a transition is made to on-board
programming mode in which the on-chip flash memory can be programmed/erased. On-board
programming mode has three operating modes: SCI boot mode by PM2 setting, user boot mode,
and user program mode, according to PM2 setting.
Table 25.5 shows the pin setting for each operating mode. For details on the state transition of
each operating mode for flash memory, see figure 25.2.
Table 25.5
On-Board Programming Mode Setting
Mode Setting
EMLE
MD3
MD2
MD1
MD0
PM2
User boot mode
0
0
0
0
1
SCI boot mode
0
0
0
1
0
0
USB boot mode
0
0
0
1
0
1
0
0
1
1
0
User program
mode
0
0
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com