Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1176 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1176 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1172Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1173Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1174Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1175Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1176Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1177Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1178Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1179Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1176 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1144 of 1468
REJ09B0412-0200
(1)
Features
• Bus power mode and self power mode are selectable.
• The PM4 pin supports the D+ pull-up control connection.
• For enumeration information, refer to table 25.7.
Table 25.7
Enumeration Information
USB standard
Ver.2.0 (Full speed)
Transfer mode
Transfer mode Control (in, out), Bulk (in, out)
For self power mode (PM3 = 0)
100 mA
Maximum power consumption
For bus power mode (PM3 = 1)
500 mA
Endpoint configuration
EP0 Control (in out) 8 bytes
Configuration 1
InterfaceNumber0
AlternateSetting0
EP1 Bulk (out) 64 bytes
EP2 Bulk (in) 64 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com