Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1178 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1178 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1174Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1175Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1176Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1177Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1178Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1179Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1180Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1181Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1178 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1146 of 1468
REJ09B0412-0200
4.
After all user MAT are automatically erased, the state of waiting for
programming/erasing command is entered. When the programming command is received,
the state shifts to the state of waiting for programming data. The same applies to erasing.
In addition to the commands for programming/erasing, there are commands for
performing sum check, blank check (erasure check), and memory read of the user MAT,
and acquiring the current status information.
(3)
Notes on USB Boot Mode Execution
• The clock of 48 MHz needs to be supplied to the USB module. Set the external clock
frequency and clock pulse generator so as to supply 48 MHz as the clock for the USB (cku).
For details, refer to section 27, Clock Pulse Generator.
• Use the PM4 pin for the D+ pull-up control connection.
• For the stable supply of the power during the flash memory programming and erasing, the
cable should not be connected via the bus powered HUB.
• If the bus powered HUB is disconnected during the flash memory programming and erasing,
permanent damage to the LSI may result.
• If the USB bus in the bus power mode enters the suspend mode, this does not make the
transition to the software standby mode in the power-down state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com