Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1189 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1189 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1185Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1186Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1187Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1188Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1189Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1190Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1191Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1192Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1189 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1157 of 1468
REJ09B0412-0200
In figure 25.15, since RAM emulation is performed, the erasing/programming program is
downloaded to avoid the 4-Kbyte on-chip RAM area (H'FFA000 to H'FFAFFF). Download and
initialization are performed only once at the beginning. Note the following when executing the
procedure program.
• Be careful not to overwrite data in the on-chip RAM with overlay settings. In addition to the
programming program area, erasing program area, and RAM emulation area, areas for the
procedure programs, work area, and stack area are reserved in the on-chip RAM. Do not make
settings that will overwrite data in these areas.
• Be sure to initialize both the programming program and erasing program. When the FPEFEQ
parameter is initialized, also initialize both the erasing program and programming program.
Initialization must be executed for both entry addresses: #DLTOP (start address of download
destination for erasing program)
+ 32 bytes, and #DLTOP (start address of download
destination for programming program)
+ 32 bytes.
25.8.4
User Boot Mode
Branching to a programming/erasing program prepared by the user enables user boot mode which
is a user-arbitrary boot mode to be used.
Only the user MAT can be programmed/erased in user boot mode. Programming/erasure of the
user boot MAT is only enabled in boot mode or programmer mode.
(1)
Initiation in User Boot Mode
When the reset start is executed with the mode pins set to user boot mode, the built-in check
routine runs and checks the user MAT and user boot MAT states. While the check routine is
running, NMI and all other interrupts cannot be accepted. Next, processing starts from the
execution start address of the reset vector in the user boot MAT. At this point, the user boot MAT
is selected (FMATS = H'AA) as the execution memory MAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com