Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1191 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1191 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1187Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1188Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1189Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1190Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1191Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1192Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1193Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1194Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1191 / 1504 page
background image
Section 25 Flash Memory
Rev. 2.00 Sep. 24, 2008 Page 1159 of 1468
REJ09B0412-0200
In user boot mode, though the user boot MAT can be seen in the flash memory space, the user
MAT is hidden in the background. Therefore, the user MAT and user boot MAT are switched
while the user MAT is being programmed. Because the user boot MAT is hidden while the user
MAT is being programmed, the procedure program must be executed in an area other than flash
memory. After programming completes, switch the memory MATs again to return to the first
state.
Memory MAT switching is enabled by setting FMATS. However note that access to a memory
MAT is not allowed until memory MAT switching is completed. During memory MAT switching,
the LSI is in an unstable state, e.g. if an interrupt occurs, from which memory MAT the interrupt
vector is read is undetermined. Perform memory MAT switching in accordance with the
description in section 25.11, Switching between User MAT and User Boot MAT.
Except for memory MAT switching, the programming procedure is the same as that in user
program mode.
The area that can be executed in the steps of the procedure program (on-chip RAM, user MAT,
and external space) is shown in section 25.8.5, On-Chip Program and Storable Area for Program
Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com