Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1241 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1241 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1237Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1238Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1239Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1240Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1241Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1242Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1243Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1244Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1241 / 1504 page
background image
Section 26 Boundary Scan
Rev. 2.00 Sep. 24, 2008 Page 1209 of 1468
REJ09B0412-0200
Table 26.3
Boundary Scan Instructions
TS3
TS2
TS1
TS0
Instruction
0
0
0
0
EXTEST
0
0
0
1
IDCODE (initial value)
0
0
1
0
CLAMP
0
0
1
1
HIGHZ
0
1
0
0
SAMPLE/PRELOAD
0
1
0
1
Reserved
0
1
1
0
Reserved
0
1
1
1
Reserved
1
0
0
0
Reserved
1
0
0
1
Reserved
1
0
1
0
Reserved
1
0
1
1
Reserved
1
1
0
0
Reserved
1
1
0
1
Reserved
1
1
1
0
Reserved
1
1
1
1
BYPASS
26.4.2
Bypass Register (JTBPR)
JTBPR is a 1-bit register and is connected between the TDI and TDO pins when JTIR is set to
BYPASS mode. JTBPR cannot be read from or written to by the CPU.
26.4.3
Boundary Scan Register (JTBSR)
JTBSR is a shift register to control the external input and output pins of this LSI and is distributed
across the pads. The initial values are undefined. JTBSR cannot be accessed by the CPU. The
EXTEST, SAMPLE/PRELOAD, CLAMP, and HIGHZ instructions are issued to apply JTBSR in
boundary-scan testing conformant to the JTAG standard.
Table 26.4 shows the correspondence between the JTBSR bits and the pins of this LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com