Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1244 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1244 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1240Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1241Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1242Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1243Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1244Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1245Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1246Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1247Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1244 / 1504 page
background image
Section 26 Boundary Scan
Rev. 2.00 Sep. 24, 2008 Page 1212 of 1468
REJ09B0412-0200
Pin No
Pin No
LQFP-
144
LFBGA-
176
Pin Name Input/Output
Bit Name
LQFP-
144
LFBGA-
176
Pin Name Input/Output
Bit
Name
56
M10
P30
Input
166
68
R13
PH3
Input
135
Output enable
165
Output enable
134
Output
164
Output
133
57
N10
P31
Input
163
73
R15
PH7
Input
132
Output enable
162
Output enable
131
Output
161
Output
130
58
P10
P32
Input
160
70
P13
PH4
Input
129
Output enable
159
Output enable
128
Output
158
Output
127
59
R10
P26
Input
157
71
R14
PH5
Input
126
Output enable
156
Output enable
125
Output
155
Output
124
60
P10
P27
Input
154
72
P14
PH6
Input
123
Output enable
153
Output enable
122
Output
152
Output
121
61
N11
NMI
Input
151
76
N15
PI1
Input
120
62
R11
P33
Input
150
Output enable
119
Output enable
149
Output
118
Output
148
77
M14
PI2
Input
117
63
P11
P34
Input
147
Output enable
116
Output enable
146
Output
115
Output
145
78
L12
PI3
Input
114
65
R12
PH0
Input
144
Output enable
113
Output enable
143
Output
112
Output
142
75
M13
PI0
Input
111
66
P12
PH1
Input
141
Output enable
110
Output enable
140
Output
109
Output
139
80
L13
PI4
Input
108
67
N12
PH2
Input
138
Output enable
107
Output enable
137
Output
106
Output
136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com