Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1246 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1246 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1242Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1243Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1244Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1245Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1246Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1247Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1248Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1249Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1246 / 1504 page
background image
Section 26 Boundary Scan
Rev. 2.00 Sep. 24, 2008 Page 1214 of 1468
REJ09B0412-0200
Pin No
Pin No
LQFP-
144
LFBGA-
176
Pin Name Input/Output
Bit Name
LQFP-
144
LFBGA-
176
Pin Name Input/Output
Bit
Name
131
C6
PB5
Input
40
138
A4
PA4
Input
21
Output enable
39
Output enable
20
Output
38
Output
19
131
C6
PB5
Input
40
139
B4
PA5
Input
18
Output enable
39
Output enable
17
Output
38
Output
16
132
A6
PB6
Input
37
140
C4
PA6
Input
15
Output enable
36
Output enable
14
Output
35
Output
13
133
B6
MD3
Input
34
142
B3
PA7
Input
12
134
C5
PA0
Input
33
Output enable
11
Output enable
32
Output
10
Output
31
144
B2
PB0
Input
9
135
A5
PA1
Input
30
Output enable
8
Output enable
29
Output
7
Output
28
1
A1
PB1
Input
6
136
B5
PA2
Input
27
Output enable
5
Output enable
26
Output
4
Output
25
2
C3
PB2
Input
3
137
D5
PA3
Input
24
Output enable
2
Output enable
23
Output
1
Output
22
to TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com