Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1255 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1255 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1251Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1252Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1253Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1254Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1255Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1256Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1257Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1258Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1255 / 1504 page
background image
Section 27 Clock Pulse Generator
Rev. 2.00 Sep. 24, 2008 Page 1223 of 1468
REJ09B0412-0200
27.1
Register Description
The clock pulse generator has the following registers.
• System clock control register (SCKCR)
• Subclock control register (SUBCKCR)
27.1.1
System Clock Control Register (SCKCR)
SCKCR controls B
φ output control and frequencies of the system, peripheral module, and external
bus clocks.
Bit
Bit Name
Initial Value
R/W
15
PSTOP1
0
R/W
14
PSTOP0
0
R/W
13
0
R/W
12
0
R/W
11
0
R/W
10
ICK2
0
R/W
9
ICK1
1
R/W
8
ICK0
0
R/W
Bit
Bit Name
Initial Value
R/W
7
0
R/W
6
PCK2
0
R/W
5
PCK1
1
R/W
4
PCK0
0
R/W
3
0
R/W
2
BCK2
0
R/W
1
BCK1
1
R/W
0
BCK0
0
R/W
Bit
Bit Name
Initial
Value
R/W
Description
15
PSTOP1
0
R/W
B
φ Clock Output Enable
Controls
φ output on PA7.
• Normal operation
0:
φ output
1: Fixed high
14
PSTOP0
0
R/W
φ Clock Output Enable
Controls
φ output (SDφ) on PB7.
• Normal operation
0:
φ output
1: Fixed high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com