Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1257 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1257 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1253Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1254Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1255Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1256Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1257Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1258Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1259Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1260Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1257 / 1504 page
background image
Section 27 Clock Pulse Generator
Rev. 2.00 Sep. 24, 2008 Page 1225 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
0
R/W
Reserved
Although this bit is readable/writable, only 0 should be
written to.
2
1
0
BCK2
BCK1
BCK0
0
1
0
R/W
R/W
R/W
External Bus Clock (B
φ) Select
These bits select the frequency of the external bus
clock. The ratio to the input clock is as follows:
BCK (2:0) MD_CLK = 0
MD_CLK = 1
000:
× 4
× 2
001:
× 2
× 1
010:
× 1
× 1/2
011:
× 1/2
Setting prohibited
1XX:
Setting prohibited
The frequency of the external bus clock should be lower
than that of the system clock. Though these bits can be
set so as to make the frequency of the external bus
clock higher than that of the system clock, the clocks
will have the same frequency in reality.
Note:
X: Don't care
27.1.2
Subclock Control Register (SUBCKCR)
SUBCKCR stops the main clock oscillator, selects the operating clock of the system clock, and
selects the operating clock after a transition from software standby mode.
Bit
Bit Name
Initial Value
R/W
7
0
R/W
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
EXSTP
0
R/W
1
WAKE32K
0
R/W
0
CK32K
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com