Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1261 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1261 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1257Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1258Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1259Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1260Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1261Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1262Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1263Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1264Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1261 / 1504 page
background image
Section 27 Clock Pulse Generator
Rev. 2.00 Sep. 24, 2008 Page 1229 of 1468
REJ09B0412-0200
27.3
PLL Circuit
The PLL circuit has the function of multiplying the frequency of the clock from the oscillator by a
factor of 4. The frequency multiplication rate is fixed. The phase difference is controlled so that
the timing of the rising edge of the internal clock is the same as that of the EXTAL pin signal.
27.4
Frequency Divider
The frequency divider divides the PLL clock to generate a 1/2, 1/4, or 1/8 clock. After the bits
ICK2 to ICK0, PCK 2 to PCK0, and BCK2 to BCK0 are updated, this LSI operates with the
updated frequency.
27.5
Subclock Oscillator
27.5.1
Connecting 32.768 kHz Crystal Resonator
To supply a clock to the subclock oscillator, connect a 32.768-kHz crystal resonator, as shown in
figure 27.6. The usage notes given in section 27.6.3, Notes on Board Design, apply to the
connection of this crystal resonator.
OSC1
OSC2
C1
C2
C1 = C2 = 15 pF (typ.)
Note: C1 and C2 are reference values that include the floating
capacitance of the board.
Figure 27.6 Connection Example of 32.768-kHz Crystal Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com