Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1262 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1262 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1258Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1259Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1260Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1261Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1262Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1263Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1264Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1265Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1262 / 1504 page
background image
Section 27 Clock Pulse Generator
Rev. 2.00 Sep. 24, 2008 Page 1230 of 1468
REJ09B0412-0200
Figure 27.7 shows an equivalent circuit for the 32.768-kHz crystal resonator.
OSC1
OSC2
C
s
L
s
R
s
C
o
C
o = 1.5 pF (typ.)
R
s = 14 kΩ (typ.)
fw = 32.768 kHz
Figure 27.7 Equivalent Circuit for 32.768-kHz Crystal Resonator
27.5.2
Handling of Pins when the Subclock is Not to be Used
If the subclock is not required, connect the OSC1 pin to Vss and leave the OSC2 pin open, as
shown in figure 27.8.
OSC1
OSC2
Open
Figure 27.8 Pin Handling when Subclock is not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com