Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1269 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1269 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1265Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1266Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1267Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1268Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1269Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1270Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1271Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1272Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1269 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1237 of 1468
REJ09B0412-0200
State of
Operation
Sleep Mode
All-Module-
Clock-Stop
Mode
Software
Standby Mode
Deep
Software
Standby
Mode
Hardware
Standby
Mode
I/O ports
Operating
Retained
Retained*
6
Stopped*
6
(undefined)
Hi-Z
Notes: "Stopped (retained)" in the table means that the internal values are retained and internal
operations are suspended.
"Stopped (undefined)" in the table means that the internal values are undefined and the
power supply for internal operations is turned off.
1. SCI enters the reset state, and other peripheral modules retain their states.
2. External interrupt and some internal interrupts (8-bit timer, watchdog timer, and 32K
timer).
3. All peripheral modules enter the reset state.
4. "Functioning" or "Stopped" is selectable through the setting of bits MSTPA9 and
MSTPA8 in MSTPCRA.
5. "Retained" or "undefined" of the contents of RAM is selected by the setting of the bits
RAMCUT2 to RAMCUT0 in DPSBYCR.
6. Retention or high-impedance for the address bus and bus-control signals (
CS0 to CS7,
AS, RD, HWR, and LWR) is selected by the setting of the OPE bit in SBYCR.
7. Some peripheral modules enter a state where the register values are retained.
8. An external interrupt, 32K timer interrupt, or USB suspend/resume interrupt.
9. Start/stop can be selected by setting the OSC32STP bit in TCR32K.
10. External interrupt and voltage monitoring interrupt*
11.
11. Supported only by the H8SX/1668M Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com