Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1270 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1270 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1266Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1267Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1268Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1269Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1270Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1271Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1272Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1273Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1270 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1238 of 1468
REJ09B0412-0200
Main clock operation
(CK32K = 0)
Subclock operation
(CK32K = 1)
Notes: 1. NMI,
IRQ0 to IRQ11, 8-bit timer interrupt, watchdog timer interrupt, 32K timer interrupt, and voltage monitoring interrupt*6.
Note that the 8-bit timer interrupt is valid when the MSTPCRA9 or MSTPCRA8 bit is cleared to 0.
2. NMI,
IRQ0 to IRQ11, 32K timer interrupt, USB suspend/resume interrupt, and voltage monitoring interrupt*6.
Note that IRQ, 32K timer, or USB interrupts is valid only when the corresponding bit in SSIER is set to 1.
3. The SLPIE bit is cleared to 0.
4. NMI,
IRQ0-A to IRQ3-A, 32K timer interrupts, USB suspend/resume interrupts, and voltage monitoring interrupt*6.
Note that IRQ, 32K timer, USB, suspend/resume, and voltage monitoring*6 interrupts are valid only when the
corresponding bit in DPSIER is set to 1.
5. If a conflict between a transition to deep software standby mode and generation of software standby mode
clearing source occurs, a mode transition may be made from software standby mode to program execution state
through execution of interrupt exception handling. In this case, a transition to deep software standby mode is not
made. For details, refer to section 28.12, Usage Notes.
6. Supported only by the H8SX/1668M Group.
Note:
From any state, a transition to hardware standby mode occurs when
STBY is driven low.
From any state except hardware standby mode, a transition to the reset state occurs when
RES is driven low.
Reset state
Program execution state
Hardware
standby mode
Internal reset state
Software
standby mode
SSBY = 0
SSBY = 0, ACSE = 1
MSTPCR = H'F[C-F]FFFFFF
STBY pin = High
RES pin = Low
RES pin = Low
STBY pin = Low
RES pin = High
SLEEP instruction
*3
SLEEP instruction*3
SLEEP instruction
*3
Interrupt
*1
Interrupt
*2
(SSBY =1)
(SSBY =1)
All interrupts
SLEEP instruction
SLEEP instruction
SLEEP instr
uction
All interrupts
CK32K = 0
CK32K = 1
Transition after exception handling
[Legend]
Deep software
standby mode
Sleep mode
All-module-clock-
stop mode
Program execution state
Program halted state
Program halted state
Software
standby mode
SSBY = 0
SSBY = 0, ACSE = 1
MSTPCR = H'F[C-F]FFFFFF
Sleep mode
All-module-clock-
stop mode
Interrupt
*1
WAKE32K = 1
and Interrupt
*2
WAKE32K = 0
and Interrupt
*2
(DPSBY = 1
and no interrupt
is generated*5)
Deep software
standby mode
(DPSBY = 1
and no interrupt
is generated*5)
(DPSBY = 0
and no interrupt
is generated)
(DPSBY = 0
and no interrupt
is generated)
Interrupt
*4
Interrupt
*4
Figure 28.1 Mode Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com