Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1279 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1279 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1275Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1276Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1277Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1278Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1279Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1280Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1281Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1282Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1279 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1247 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Module
7
DPSBY
0
R/W
Deep Software Standby
When the SSBY bit in SBYCR has been set to 1,
executing the SLEEP instruction causes a transition to
software standby mode. At this time, if there is no source
to clear software standby mode and this bit is set to 1, a
transition to deep software standby mode is made.
SSBY
DPSBY
Entry to
0
x
Enters sleep mode after
execution of a SLEEP instruction.
1
0
Enters software standby mode
after execution of a SLEEP
instruction.
1
1
Enters deep software standby
mode after execution of a SLEEP
instruction.
When deep software standby mode is canceled due to an
interrupt, this bit remains at 1. Write a 0 here to clear it.
Setting of this bit has no effect when the WDT is used in
watchdog timer mode. In this case, executing the SLEEP
instruction always initiates entry to sleep mode or all-
module-clock-stop mode. Be sure to clear this bit to 0
when setting the SLPIE bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com