Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1280 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1280 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1276Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1277Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1278Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1279Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1280Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1281Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1282Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1283Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1280 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1248 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Module
6
IOKEEP
0
R/W
I/O Port Retention
In deep software standby mode, the ports retain the
states that were held in software standby mode. This bit
specifies whether or not the state that has been held in
deep software standby mode is retained after exit from
deep software standby mode.
IOKEEP
Pin State
0
The retained port states are released
simultaneously with exit from deep
software standby mode.
1
The retained port states are released
when a 0 is written to this bit following exit
from deep software standby mode.
In operation in external extended mode, however, the
address bus, bus control signals (
CS0, AS, RD, HWR,
and
LWR), and data bus are set to the initial state upon
exit from deep software standby mode.
5
RAMCUT2 0
R/W
On-chip RAM Power Off 2
RAMCUT 2, 1, and 0 control the internal power supply to
the on-chip RAM and USB in deep software standby
mode. For details, see descriptions of the RAMCUT0 bit.
4
RAMCUT1 0
R/W
On-chip RAM Power Off 1
RAMCUT 2, 1, and 0 control the internal power supply to
the on-chip RAM and USB in deep software standby
mode. For details, see descriptions of the RAMCUT0 bit.
3 to 1
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.
0
RAMCUT0 1
R/W
On-chip RAM Power Off 0
RAMCUT 2, 1, and 0 control the internal power supply to
the on-chip RAM and USB in deep software standby
mode.
RAMCUT 2 to 0
000: Power is supplied to the on-chip RAM and USB.
111: Power is not supplied to the on-chip RAM and USB.
Settings other than above are prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com