Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1285 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1285 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1281Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1282Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1283Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1284Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1285Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1286Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1287Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1288Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1285 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1253 of 1468
REJ09B0412-0200
28.2.7
Deep Standby Interrupt Flag Register (DPSIFR)
DPSIFR is used to request an exit from deep software standby mode. When the interrupt specified
in DPSIEGR is generated, the applicable bit in DPSIFR is set to 1. The bit is set to 1 even when an
interrupt is generated in the modes other than deep software standby. Therefore, a transition to
deep software standby should be made after this register bits are cleared to 0.
DPSIFR is not initialized by the internal reset signal upon exit from deep software standby mode.
Bit
Bit name
Initial value:
R/W:
7
DNMIF
0
R/(W)*1
6
DUSBIF
0
R/(W)*1
5
DT32KIF
0
R/(W)*1
4
DLVDIF*2
0
R/(W)*1
3
DIRQ3F
0
R/(W)*1
2
DIRQ2F
0
R/(W)*1
1
DIRQ1F
0
R/(W)*1
0
DIRQ0F
0
R/(W)*1
Note: 1. Only 0 can be written to clear the flag.
2. Supported only by the H8SX/1668M Group.
Bit
Bit Name
Initial
Value
R/W
Module
7
DNMIF
0
R/(W)*
1
NMI Flag
[Setting condition]
NMI input specified in DPSIEGR is generated.
[Clearing condition]
Writing a 0 to this bit after reading it as 1.
6
DUSBIF
0
R/(W)*
1
USB Suspend/Resume Interrupt Flag
[Setting condition]
When the USB suspend/resume interrupt occurs.
[Clearing condition]
Writing a 0 to this bit after reading it as 1.
5
DT32KIF
0
R/(W)*
1
32K Timer Interrupt Flag
[Setting condition]
When the 32K timer interrupt occurs.
[Clearing condition]
Writing a 0 to this bit after reading it as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com