Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1288 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1288 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1284Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1285Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1286Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1287Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1288Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1289Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1290Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1291Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1292Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1288 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1256 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial
Value
R/W
Module
0
DIRQ0EG
0
R/W
IRQ0 Interrupt Edge Select
Selects the active edge for IRQ0-A pin input.
0: The interrupt request is generated by a falling edge.
1: The interrupt request is generated by a rising edge.
28.2.9
Reset Status Register (RSTSR)
The DPSRSTF bit in RSTSR indicates that deep software standby mode has been canceled by an
interrupt.
RSTSR is not initialized by the internal reset signal upon exit from deep software standby mode.
Bit
Bit name
Initial value:
R/W:
7
DPSRSTF
0
R/(W)*1
6
0
R/W
5
0
R/W
4
0
R/W
3
0
R/W
2
LVDF*2
0*3
R/(W)*4
1
0*3
R/W
0
PORF*2
0*3
R/W*5
Notes: 1.
Only 0 can be written to clear the flag.
2.
Supported only by the H8SX/1668M Group.
3.
Initial value is undefined in the H8SX/1668M Group.
4.
Only 0 can be written to clear the flag in the H8SX/1668M Group.
5.
Readable only in the H8SX/1668M Group.
Bit
Bit Name
Initial
Value
R/W
Module
7
DPSRSTF 0
R/(W)* Deep Software Standby Reset Flag
Indicates that deep software standby mode has been
canceled by an interrupt source specified in DPSIER or
DPSIEGR and an internal reset is generated.
[Setting condition]
Deep software standby mode is canceled by an interrupt
source.
[Clearing condition]
Writing a 0 to this bit after reading it as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com