Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1293 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1293 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1289Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1290Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1291Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1292Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1293Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1294Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1295Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1296Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1293 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1261 of 1468
REJ09B0412-0200
• Exit from sleep mode by reset caused by watchdog timer overflow
Sleep mode is exited by an internal reset caused by a watchdog timer overflow.
• Exit from voltage monitoring reset*
Sleep mode is exited by a voltage monitoring reset of the voltage detection circuit.
• Exit from power-on reset*
Sleep mode is exited by a power-on reset.
Note:
* Supported only by the H8SX/1668M Group.
28.6
All-Module-Clock-Stop Mode
When the ACSE bit is set to 1 and all modules controlled by MSTPCRA and MSTPCRB are
stopped (MSTPCRA, MSTPCRB = H'FFFFFFFF), or all modules except for the 8-bit timer (units
0 and 1) are stopped (MSTPCRA, MSTPCRB = H'F[C to F]FFFFFF), executing a SLEEP
instruction with the SSBY bit in SBYCR cleared to 0 will cause all modules (except for the 8-bit
timer*
1, watchdog timer, 32K timer, power-on reset circuit*2 and voltage detection circuit*2), the
bus controller, and the I/O ports to stop operating, and to make a transition to all-module-clock-
stop mode at the end of the bus cycle.
When power consumption should be reduced ever more in all-module-clock-stop mode, stop
modules controlled by MSTPCRC (MSTPCRC[15:8] = H'FFFF).
All-module-clock-stop mode is cleared by an external interrupt (NMI or
IRQ0 to IRQ11 pins),
RES pin input, or an internal interrupt (8-bit timer*1, watchdog timer, 32K timer, or voltage-
detection circuit*
2), and the CPU returns to the normal program execution state via the exception
handling state. All-module-clock-stop mode is not cleared if interrupts are disabled, if interrupts
other than NMI are masked on the CPU side, or if the relevant interrupt is designated as a DTC
activation source.
When the
STBY pin is driven low, a transition is made to hardware standby mode.
Notes: 1. Operation or halting of the 8-bit timer can be selected by bits MSTPA9 and MSTPA8
in MSTPCRA.
2.
Supported only by the H8SX/1668M Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com