Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1294 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1294 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1290Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1291Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1292Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1293Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1294Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1295Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1296Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1297Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1294 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1262 of 1468
REJ09B0412-0200
28.7
Software Standby Mode
28.7.1
Entry to Software Standby Mode
If a SLEEP instruction is executed when the SSBY bit in SBYCR is set to 1 and the DPSBY bit in
DPSBYCR is cleared to 0, software standby mode is entered. In this mode, the CPU, on-chip
peripheral functions, and oscillator all stop. However, the contents of the CPU's internal registers,
on-chip RAM data, and the states of on-chip peripheral functions other than the SCI, and the states
of the I/O ports, are retained. Whether the address bus and bus control signals are placed in the
high-impedance state or retain the output state can be specified by the OPE bit in SBYCR. In this
mode the oscillator stops, allowing power consumption to be significantly reduced.
If the WDT is used in watchdog timer mode, it is impossible to make a transition to software
standby mode. The WDT should be stopped before the SLEEP instruction execution.
28.7.2
Exit from Software Standby Mode
Software standby mode is cleared by an external interrupt (NMI, or
IRQ0 to IRQ11*1) or internal
interrupt (32K timer, voltage detection interrupt *
2, or USB suspend/resume), voltage-detection
reset*
2, power-on reset*2
RES pin or STBY pin.
1. Exit from software standby mode by interrupt
When an NMI, IRQ0 to IRQ11*
1, 32K-timer, or USB suspend/resume interrupt request signal
is input, clock oscillation starts, and after the elapse of the time set in bits STS4 to STS0 in
SBYCR, stable clocks are supplied to the entire LSI, software standby mode is cleared, and
interrupt exception handling is started.
When clearing software standby mode with an IRQ0 to IRQ11* interrupt, set the
corresponding enable bit to 1 and ensure that no interrupt with a higher priority than interrupts
IRQ0 to IRQ11*
1 is generated. Software standby mode cannot be cleared if the interrupt has
been masked on the CPU side or has been designated as a DTC activation source.
2. Exit from voltage monitoring reset*
2
When a voltage monitoring reset is generated by the fall of power-voltage, software standby
mode is cleared and a clock oscillation starts. At the same time, a clock signal is supplied
throughout the LSI. After that, if power voltage rises, the voltage detection reset is released.
Thereafter, CPU starts the reset exception handling.
3. Exit from power-on reset*
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com