Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1298 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1298 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1294Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1295Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1296Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1297Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1298Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1299Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1300Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1301Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1298 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1266 of 1468
REJ09B0412-0200
28.8
Deep Software Standby Mode
28.8.1
Entry to Deep Software Standby Mode
If a SLEEP instruction is executed when the SSBY bit in SBYCR has been set to 1, a transition to
software standby mode is made. In this state, if the CPSBY bit in DPSBYCR is set to 1, a
transition to deep software standby mode is made.
If a software standby mode clearing source (an NMI, IRQ0 to IRQ11, 32K timer, voltage-
monitoring interrupt requests*, or USB suspend/resume) occurs when a transition to software
standby mode is made, software standby mode will be cleared regardless of the DPSBY bit
setting, and the interrupt exception handling starts after the oscillation settling time for software
standby mode specified by the bits STS4 to STS0 in SBYCR has elapsed.
When both of the SSBY bit in SBYCR and the CPSBY bit in DPSBYCR are set to 1 and no
software standby mode clearing source occurs, a transition to deep software standby mode will be
made immediately after software standby mode is entered.
In deep software standby mode, the CPU, on-chip peripheral functions (except for the USB and
32K timer), on-chip RAMs 6 to 4, and oscillator functionality are all stopped. In addition, the
internal power supply to these modules stops, resulting in a significant reduction in power
consumption. At this time, the contents of all the registers of the CPU, on-chip peripheral
functions (except for the USB and 32K timer), and on-chip RAMs 6 to 4 become undefined.
Contents of the on-chip RAMs 3 to 0 and USB registers can be retained when all the bits
RAMCUT2 to RAMCUT0 in DPSBYCR have been cleared to 0. If these bits are set to all 1, the
internal power supply to the on-chip RAMs 3 to 0 and USB stops and the power consumption is
further reduced. At this time, the contents of the on-chip RAMs 3 to 0 and USB registers become
undefined.
The 32K timer, voltage detection circuit*, and power-on reset circuit* can be operated in deep
software standby mode.
The I/O ports can be retained in the same state as in software standby mode.
Note: * Supported only by the H8SX/1668M Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com