Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1299 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1299 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1295Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1296Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1297Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1298Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1299Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1300Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1301Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1302Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1299 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1267 of 1468
REJ09B0412-0200
28.8.2
Exit from Deep Software Standby Mode
Exit from deep software standby mode is initiated by signals on the external interrupt pins (NMI
and
IRQ0-A to IRQ3-A), internal interrupt signals (32K timer, voltage-monitoring interrupt*, and
USB suspend/resume), voltage-monitoring interrupt reset*, power-on reset*,
RES pin, or STBY
pin.
1. Exit from deep software standby mode by external interrupt pins or internal interrupt signals
Deep software standby mode is canceled when any of the DNMIF, DIRQnF (n = 3 to 0),
DT32KIF, DLVDIF*, and DUSBIF bits in DPSIFR is set to 1. The DNMIF or DIRQnF (n = 3
to 0) bit is set to 1 when a specified edge is generated in the NMI or
IRQ0-A to IRQ3-A pins,
that has been enabled by the DIRQnE (n = 3 to 0) bit in DPSIER. The rising or falling edge of
the signals can be specified with DPSIEGR. The DT32KIF bit is set to 1 when a 32K timer
interrupt occurs. The DLVDIF bit is set to 1when a voltage-monitoring interrupt occurs. The
DUSBIF bit is set to 1 when a USB suspend/resume interrupt occurs.
When deep software standby mode clearing source is generated, internal power supply starts
simultaneously with the start of clock oscillation, and internal reset signal is generated for the
entire LSI. Once the time specified by the WTSTS5 to WTSTS0 bits in DPSWCR has elapsed,
a stable clock signal is being supplied throughout the LSI and the internal reset is cleared.
Deep software standby mode is canceled on clearing of the internal reset, and then the reset
exception handling starts.
When deep software standby mode is canceled by an external interrupt pin or internal interrupt
signal, the DPSRSTF bit in RSTSR is set to 1.
2. Exit from deep software standby mode by a voltage-monitoring reset*
When a voltage monitoring reset is generated by the power-supply voltage falling, the LSI is
released from deep software standby mode and clock oscillation starts. At the same time, a
clock signal is supplied throughout the LSI. When the power-supply voltage has risen
sufficiently, the LSI is released from the voltage-detection reset state. The CPU then starts
reset-exception handling.
3. Exit from power-on reset*
When a power-on reset is generated by the power-supply voltage falling, the LSI is released
from deep software standby mode. If the power-supply voltage then rises sufficiently, clock
oscillation starts and the LSI is released from the power-on reset state after the clock
oscillation stabilization time has been secured. As soon as the clock oscillation starts, the clock
signal is provided to the LSI. After that, the CPU starts reset-exception handling.
4. Exit from deep software standby mode by the signal on the
RES pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com