Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1305 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1305 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1301Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1302Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1303Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1304Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1305Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1306Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1307Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1308Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1305 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1273 of 1468
REJ09B0412-0200
28.8.6
Deep Software Standby Mode Application Example
(1)
Transition to and Exit from Deep Software Standby Mode
Figure 28.4 shows an example where the transition to deep software standby mode is initiated by a
falling edge on the NMI pin and exit from deep software standby mode is initiated by a rising edge
on the NMI pin.
In this example, falling-edge sensing of NMI interrupts has been specified by clearing the NMIEG
bit in INTCR to 0 (not shown). After an NMI interrupt has been sensed, rising-edge sensing is
specified by setting the DNMIEG bit to 1, the SSBY and DPSBY bits are set to 1, and the
transition to deep software standby mode is triggered by execution of a SLEEP instruction.
After that, deep software standby mode is canceled at the rising edge on the NMI pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com