Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1308 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1308 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1304Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1305Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1306Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1307Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1308Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1309Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1310Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1311Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1308 / 1504 page
background image
Section 28 Power-Down Modes
Rev. 2.00 Sep. 24, 2008 Page 1276 of 1468
REJ09B0412-0200
(3)
Deep Software Standby Mode in External Extended Mode (IOKEEP = 0)
Figure 28.6 shows an example of operations in deep software standby mode with the IOKEEP bit
is set to 1 and the OPE bit is cleared to 0 in external extended mode. When the IOKEEP bit is
cleared to 0, retention of the states of pins including the address bus, bus-control signals (
CS0, AS,
RD, HWR, and LWR), data bus, and other pins including Bφ output is released after the
oscillation settling time has elapsed.
SLEEP
instruction
Deep software standby mode
(power-down mode)
Program
execution state
Program
execution state
Reset
exception
handling
Oscillator
I
φ
NMI
Internal reset
Operated
Retained
Address
Retained
Bus control
Retained
Data
B
φ
Retained
Retained
I/O other than
above
Started from h'00000
Operated
Operated
Operated
Operated
Operated
Oscillation
settling time
Figure 28.6 Example of Deep Software Standby Mode Operation in
External Extended Mode (IOKEEP = OPE = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com