Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1330 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1330 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1326Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1327Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1328Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1329Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1330Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1331Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1332Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1333Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1330 / 1504 page
background image
Section 29 List of Registers
Rev. 2.00 Sep. 24, 2008 Page 1298 of 1468
REJ09B0412-0200
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
Cluster buffer register 2
CLSBR2
32
H'FFD08
EXDMAC
16
2I
φ/2Iφ
Cluster buffer register 3
CLSBR3
32
H'FFD0C
EXDMAC
16
2I
φ/2Iφ
Cluster buffer register 4
CLSBR4
32
H'FFD10
EXDMAC
16
2I
φ/2Iφ
Cluster buffer register 5
CLSBR5
32
H'FFD14
EXDMAC
16
2I
φ/2Iφ
Cluster buffer register 6
CLSBR6
32
H'FFD18
EXDMAC
16
2I
φ/2Iφ
Cluster buffer register 7
CLSBR7
32
H'FFD1C
EXDMAC
16
2I
φ/2Iφ
DMA module request select register_0
DMRSR_0
8
H'FFD20
DMAC_0
16
2I
φ/2Iφ
DMA module request select register_1
DMRSR_1
8
H'FFD21
DMAC_1
16
2I
φ/2Iφ
DMA module request select register_2
DMRSR_2
8
H'FFD22
DMAC_2
16
2I
φ/2Iφ
DMA module request select register_3
DMRSR_3
8
H'FFD23
DMAC_3
16
2I
φ/2Iφ
Interrupt priority register A
IPRA
16
H'FFD40
INTC
16
2I
φ/3Iφ
Interrupt priority register B
IPRB
16
H'FFD42
INTC
16
2I
φ/3Iφ
Interrupt priority register C
IPRC
16
H'FFD44
INTC
16
2I
φ/3Iφ
Interrupt priority register D
IPRD
16
H'FFD46
INTC
16
2I
φ/3Iφ
Interrupt priority register E
IPRE
16
H'FFD48
INTC
16
2I
φ/3Iφ
Interrupt priority register F
IPRF
16
H'FFD4A
INTC
16
2I
φ/3Iφ
Interrupt priority register G
IPRG
16
H'FFD4C
INTC
16
2I
φ/3Iφ
Interrupt priority register H
IPRH
16
H'FFD4E
INTC
16
2I
φ/3Iφ
Interrupt priority register I
IPRI
16
H'FFD50
INTC
16
2I
φ/3Iφ
Interrupt priority register J
IPRJ
16
H'FFD52
INTC
16
2I
φ/3Iφ
Interrupt priority register K
IPRK
16
H'FFD54
INTC
16
2I
φ/3Iφ
Interrupt priority register L
IPRL
16
H'FFD56
INTC
16
2I
φ/3Iφ
Interrupt priority register M
IPRM
16
H'FFD58
INTC
16
2I
φ/3Iφ
Interrupt priority register N
IPRN
16
H'FFD5A
INTC
16
2I
φ/3Iφ
Interrupt priority register O
IPRO
16
H'FFD5C
INTC
16
2I
φ/3Iφ
Interrupt priority register Q
IPRQ
16
H'FFD60
INTC
16
2I
φ/3Iφ
Interrupt priority register R
IPRR
16
H'FFD62
INTC
16
2I
φ/3Iφ
IRQ sense control register H
ISCRH
16
H'FFD68
INTC
16
2I
φ/3Iφ
IRQ sense control register L
ISCRL
16
H'FFD6A
INTC
16
2I
φ/3Iφ
DTC vector base register
DTCVBR
32
H'FFD80
BSC
16
2I
φ/3Iφ
Bus width control register
ABWCR
16
H'FFD84
BSC
16
2I
φ/3Iφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com