Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1334 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1334 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1330Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1331Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1332Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1333Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1334Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1335Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1336Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1337Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1334 / 1504 page
background image
Section 29 List of Registers
Rev. 2.00 Sep. 24, 2008 Page 1302 of 1468
REJ09B0412-0200
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
Cycles
(Read/Write)
DTC enable register B
DTCERB
16
H'FFF22
INTC
16
2I
φ/3Iφ
DTC enable register C
DTCERC
16
H'FFF24
INTC
16
2I
φ/3Iφ
DTC enable register D
DTCERD
16
H'FFF26
INTC
16
2I
φ/3Iφ
DTC enable register E
DTCERE
16
H'FFF28
INTC
16
2I
φ/3Iφ
DTC enable register F
DTCERF
16
H'FFF2A
INTC
16
2I
φ/3Iφ
DTC control register
DTCCR
8
H'FFF30
INTC
16
2I
φ/3Iφ
Interrupt control register
INTCR
8
H'FFF32
INTC
16
2I
φ/3Iφ
CPU priority control register
CPUPCR
8
H'FFF33
INTC
16
2I
φ/3Iφ
IRQ enable register
IER
16
H'FFF34
INTC
16
2I
φ/3Iφ
IRQ status register
ISR
16
H'FFF36
INTC
16
2I
φ/3Iφ
Port 1 register
PORT1
8
H'FFF40
I/O port
8
2P
φ/-
Port 2 register
PORT2
8
H'FFF41
I/O port
8
2P
φ/-
Port 3 register
PORT3
8
H'FFF42
I/O port
8
2P
φ/-
Port 5 register
PORT5
8
H'FFF44
I/O port
8
2P
φ/-
Port 6 register
PORT6
8
H'FFF45
I/O port
8
2P
φ/-
Port A register
PORTA
8
H'FFF49
I/O port
8
2P
φ/-
Port B register
PORTB
8
H'FFF4A
I/O port
8
2P
φ/-
Port C register
PORTC
8
H'FFF4B
I/O port
8
2P
φ/-
Port D register
PORTD
8
H'FFF4C
I/O port
8
2P
φ/-
Port E register
PORTE
8
H'FFF4D
I/O port
8
2P
φ/-
Port F register
PORTF
8
H'FFF4E
I/O port
8
2P
φ/-
Port 1 data register
P1DR
8
H'FFF50
I/O port
8
2P
φ/2Pφ
Port 2 data register
P2DR
8
H'FFF51
I/O port
8
2P
φ/2Pφ
Port 3 data register
P3DR
8
H'FFF52
I/O port
8
2P
φ/2Pφ
Port 6 data register
P6DR
8
H'FFF55
I/O port
8
2P
φ/2Pφ
Port A data register
PADR
8
H'FFF59
I/O port
8
2P
φ/2Pφ
Port B data register
PBDR
8
H'FFF5A
I/O port
8
2P
φ/2Pφ
Port C data register
PCDR
8
H'FFF5B
I/O port
8
2P
φ/2Pφ
Port D data register
PDDR
8
H'FFF5C
I/O port
8
2P
φ/2Pφ
Port E data register
PEDR
8
H'FFF5D
I/O port
8
2P
φ/2Pφ
Port F data register
PFDR
8
H'FFF5E
I/O port
8
2P
φ/2Pφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com