Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 134Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 135Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 136Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 137Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 138Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 139Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 140Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 141Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 1504 page
background image
Section 5 Voltage Detection Circuit (LVD)
Rev. 2.00 Sep. 24, 2008 Page 106 of 1468
REJ09B0412-0200
5.2
Register Descriptions
The registers of the voltage detection circuit are listed below.
•
Voltage detection control register (LVDCR)
•
Reset status register (RSTSR)
5.2.1
Voltage Detection Control Register (LVDCR)
The LVDCR controls the voltage-detection circuit.
LVDE, LVDRI, and LVDMON are initialized by a pin reset or power-on reset
Bit
Bit name
Initial value:
R/W:
7
LVDE
0
R/W
6
LVDRI
0
R/W
5
—
0
R/W
4
LVDMON
0
R
3
—
0
R/W
2
—
0
R/W
1
—
0
R/W
0
—
0
R/W
Bit
Bit Name
Initial Value
R/W
Description
7
LVDE
0
R/W
LVD Enable
This bit enables or disables issuing of a reset or
interrupt by the voltage-detection circuit.
0: Disabled
1: Enabled
6
LVDRI
0
R/W
LVD Reset/Interrupt Select
This bit selects whether an internal reset or
interrupt is generated when the voltage detection
circuit detects a low voltage. When modifying the
LVDRI bit, ensure that low-voltage detection is in
the disabled state (the LVDE bit is cleared to 0).
0: A reset is generated when a voltage is
detected.
1: An interrupt is generated when a low voltage is
detected.
5
—
0
R/W
Reserved
This bit is always read as 0 and the write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com