Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 135Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 136Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 137Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 138Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 139Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 140Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 141Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 142Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 1504 page
background image
Section 5 Voltage Detection Circuit (LVD)
Rev. 2.00 Sep. 24, 2008 Page 107 of 1468
REJ09B0412-0200
Bit
Bit Name
Initial Value
R/W
Description
4
LVDMON
0
R
LVD Monitor
This bit monitors the voltage level. This bit is valid
when the LVDE bit is 1 and read as 0 when the
LVDE bit is 0. Writing to this bit is ineffective.
0: Vcc must fall below Vdet.
1: Vcc must rise above Vdet.
3 to 0
—
0
R/W
Reserved
These bits are always read as 0 and the write
value should always be 0.
5.2.2
Reset Status Register (RSTSR)
RSTSR indicates the source of an internal reset or voltage monitoring interrupt.
Note:
*
To clear the flag, only 0 should be written to.
7
DPSRSTF
0
R/(W)
*
6
—
0
R/W
5
—
0
R/W
4
—
0
R/W
3
—
0
R/W
2
LVDF
Undefined
R/(W)
*
1
—
Undefined
R/W
0
PORF
Undefined
R
Bit
Bit name
Initial value:
R/W:
Bit
Bit Name
Initial Value
R/W
Description
7
DPSRSTF
0
R/W*
Deep Software Standby Reset Flag
This bit indicates release from deep software
standby mode due to the interrupt source
selected by DPSIER and DPSIEGR, and
generation of an internal reset.
[Setting condition]
Release from deep software standby mode due to
an interrupt source.
[Clearing condition]
•
Writing 0 to the bit after reading it as1.
•
Generation of a pin reset, power on reset, or
voltage monitoring reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com