Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1449 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1449 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1445Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1446Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1447Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1448Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1449Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1450Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1451Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1452Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1449 / 1504 page
background image
Section 30 Electrical Characteristics
Rev. 2.00 Sep. 24, 2008 Page 1417 of 1468
REJ09B0412-0200
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Erasure time (total)*
1, *2, *4
Σ
tE
3.4
9
H8SX/1663R,
H8SX/1663M
s/384 Kbytes
T
a = 25°C
4.5
12
H8SX/1664R
H8SX/1664M
s/512 Kbytes
9.0
24
H8SX/1668R
H8SX/1668M
s/1 Mbyte
Σ
tPE
6.8
18
H8SX/1663R,
H8SX/1663M
s/384 Kbytes
T
a = 25°C
9.0
24
H8SX/1664R
H8SX/1664M
s/512 Kbytes
Programming, Erasure
time (total)*
1, *2, *4
18.0
48
H8SX/1668R
H8SX/1668M
s/1 Mbyte
Overwrite count
N
WEC
100*
3
times
Data save time*
4
T
DRP
10
years
Notes: 1. Programming time and erase time depend on data in the flash memory.
2. Programming time and erase time do not include time for data transfer.
3. All the characteristics after programming are guaranteed within this value (guaranteed
value is from 1 to Min. value).
4. Characteristics when programming is performed within the Min. value
5. V
CC = PLLVCC = DrVCC = 2.95 V to 3.60 V in the H8SX/1668M Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com