Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 1450 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 1450 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 1446Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1447Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1448Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1449Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1450Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1451Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1452Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1453Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 1454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1450 / 1504 page
background image
Section 30 Electrical Characteristics
Rev. 2.00 Sep. 24, 2008 Page 1418 of 1468
REJ09B0412-0200
30.9
Power-On Reset Circuit and Voltage-Detection Circuit
Characteristics (H8SX/1668M Group)
Table 30.15 Power-On Reset Circuit and Voltage-Detection Circuit Characteristics
Conditions: V
CC = PLLVCC VSS = PLLVSS = AVSS = 0 V,
T
a = – 20°C to +75°C (regular specifications),
T
a = – 40°C to +85°C (wide-range specifications)
Item
Symbol Min.
Typ.
Max.
Unit
Test
Conditions
Voltage detection
circuit (LVD)
V
det
3.00
3.10
3.20
Figure 30.60
Voltage detection
level
Power-on reset
(POR)
V
POR
2.48
2.58
2.68
V
Figure 30.59
Internal reset time
t
POR
20
35
50
ms
Power-off time*
t
VOFF
200
us
Figure 30.59
Figure 30.60
Note:
*
Power-off time (t
VOFF) is the time over which Vcc is lower than minimum value of the
voltage-detection level of the POR and LVD.
tVOFF
tPOR
VPOR
tPOR
VCC
Internal reset signal
("L" is enabled)
Figure 30.59 Power-On Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com