Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 141Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 142Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 143Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 144Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 145Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 146Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 147Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 148Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 1504 page
background image
Section 6 Exception Handling
Rev. 2.00 Sep. 24, 2008 Page 113 of 1468
REJ09B0412-0200
Section 6 Exception Handling
6.1
Exception Handling Types and Priority
As table 6.1 indicates, exception handling is caused by a reset, a trace, an address error, an
interrupt, a trap instruction, a sleep instruction, and an illegal instruction (general illegal
instruction or slot illegal instruction). Exception handling is prioritized as shown in table 6.1. If
two or more exceptions occur simultaneously, they are accepted and processed in order of priority.
Exception sources, the stack structure, and operation of the CPU vary depending on the interrupt
control mode. For details on the interrupt control mode, see section 7, Interrupt Controller.
Table 6.1
Exception Types and Priority
Priority
Exception Type
Exception Handling Start Timing
Reset
Exception handling starts at the timing of level change from
low to high on the
RES pin, when deep software standby
mode is canceled, or when the watchdog timer overflows.
The CPU enters the reset state when the
RES pin is low.
Illegal instruction
Exception handling starts when an undefined code is
executed.
Trace*
1
Exception handling starts after execution of the current
instruction or exception handling, if the trace (T) bit in EXR is
set to 1.
Address error
After an address error has occurred, exception handling
starts on completion of instruction execution.
Interrupt
Exception handling starts after execution of the current
instruction or exception handling, if an interrupt request has
occurred.*
2
High
Sleep instruction
Exception handling starts by execution of a sleep instruction
(SLEEP), if the SSBY bit in SBYCR is set to 0 and the
SLPIE bit in SBYCR is set to 1.
Low
Trap instruction*
3
Exception handling starts by execution of a trap instruction
(TRAPA).
Notes: 1. Traces are enabled only in interrupt control mode 2. Trace exception handling is not
executed after execution of an RTE instruction.
2. Interrupt detection is not performed on completion of ANDC, ORC, XORC, or LDC
instruction execution, or on completion of reset exception handling.
3. Trap instruction exception handling requests and sleep instruction exception handling
requests are accepted at all times in program execution state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com