Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663M Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # H8SX/1663M
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663M Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button H8SX/1663M Datasheet HTML 142Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 143Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 144Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 145Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 146Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 147Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 148Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 149Page - Renesas Technology Corp H8SX/1663M Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 1504 page
background image
Section 6 Exception Handling
Rev. 2.00 Sep. 24, 2008 Page 114 of 1468
REJ09B0412-0200
6.2
Exception Sources and Exception Handling Vector Table
Different vector table address offsets are assigned to different exception sources. The vector table
addresses are calculated from the contents of the vector base register (VBR) and vector table
address offset of the vector number. The start address of the exception service routine is fetched
from the exception handling vector table indicated by this vector table address.
Table 6.2 shows the correspondence between the exception sources and vector table address
offsets. Table 6.3 shows the calculation method of exception handling vector table addresses.
Table 6.2
Exception Handling Vector Table
Vector Table Address Offset*
1
Exception Source
Vector Number
Normal Mode*
2
Advanced, Middle*
2,
Maximum*
2 Modes
Reset
0
H'0000 to H'0001
H'0000 to H'0003
1
H'0002 to H'0003
H'0004 to H'0007
2
H'0004 to H'0005
H'0008 to H'000B
Reserved for system use
3
H'0006 to H'0007
H'000C to H'000F
Illegal instruction
4
H'0008 to H'0009
H'0010 to H'0013
Trace
5
H'000A to H'000B
H'0014 to H'0017
Reserved for system use
6
H'000C to H'000D
H'0018 to H'001B
Interrupt (NMI)
7
H'000E to H'000F
H'001C to H'001F
8
H'0010 to H'0011
H'0020 to H'0023
9
H'0012 to H'0013
H'0024 to H'0027
10
H'0014 to H'0015
H'0028 to H'002B
Trap instruction
(#0)
(#1)
(#2)
(#3)
11
H'0016 to H'0017
H'002C to H'002F
CPU address error
12
H'0018 to H'0019
H'0030 to H'0033
DMA address error*
3
13
H'001A to H'001B
H'0034 to H'0037
UBC break interrupt
14
H'001C to H'001D
H'0038 to H'003B
Reserved for system use
15
17
H'001E to H'001F
H'0022 to H'0023
H'003C to H'003F
H'0044 to H'0047
Sleep interrupt
18
H'0024 to H'0025
H'0048 to H'004B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com